PART |
Description |
Maker |
UPD78081CU-XXX UPD780054GK-XXX-BE9 UPD780054YGK-XX |
44-pin 8-bit microcomputer with on-chip UART 8-bit single-chip microcontroller Mask ROM 32K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 24K bytes, CMOS 8-bit microcomputer 78K/0 series Mask ROM 40K bytes, CMOS 8-bit microcomputer 78K/0 series 78K/0 series ROM-less 8-bit single-chip microcomputers 8-bit CMOS single-chip microcomputer 8-bit single-chip microcomputer 78K/0 series 100-pin g/p control 8-bit microcomputer with on-chip I2C bus 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit microcomputer w/ on-chip I2C bus I/F & A/D converter IEBus controller built-in 8-bit SC microcomputer
|
NEC
|
HD614086H HD614081 HD614089 HD614029S HD614046S HD |
8192-word x 10-bit ROM ; -0.3 to 7.0V; 50-150mA; CMOS 4-bit single-chip microcomputer (HD6140xx) CMOS 4-Bit Microcomputers CMOS 4 BIT SINGLE CHIP MICROCOMPUTER CMOS 4 Bit Single-Chip Microcomputers
|
Hitachi Semiconductor Renesas
|
SM6004 SM6006 |
16-Bit Single-Chip Microcomputers Low Voltage High Speed 16-Bit Single Chip Microcomputer
|
Sharp Electrionic Component... SHARP[Sharp Electrionic Components]
|
LC866008 LC866012 LC866016 LC866020 LC866024 LC866 |
CMOS 8-Bit Single-Chip Microcomputers 8-Bit Single Chip Microcontroller with One-Time PROM
|
SANYO[Sanyo Semicon Device]
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
LC5872 LC5874 LC5876 LC5873 |
Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 12 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAM2K位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 6 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 4 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 8 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM 4-Bit Single-Chip Microcontrollers with LCD Driver, 12KB/8KB/6KB/4KB ROM, 1KB RAM on chip
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
PCA80C31BH3-16P PCA80C31BH3-16WP PCB80C51BH-5H PCB |
10/100/1000 SECURE TERMNLSERV 8 PT RS232 RJ SFP/1250 EXT DIAGNOSTIC MM-850-LC, 500M, KPT45492-182 KPT07A12-10SW with pc contacts CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 12 MHz, MICROCONTROLLER, CDIP40
|
http:// Philips Semiconductors NXP Semiconductors N.V.
|
UPD17136B UPD17136BCT-XXX UPD17136BGT-XXX UPD17934 |
17K series 4B microcomputer on-chip ROM (2048x16), RAM(112x4) 0.9V operating portable DTS controller 17K series 4B microcomputer on-chip ROM (1024x16), RAM (112x4) Automobile DTS controller Small general-purpose/remote-control 4-bit single-chip microcontroller Small general-purpose/remote-control 4-bit SC microcontroller(OTP version) OTP version 4-bit single-chip microcontroller 4-bit microcomputer 17K series with on-chip OTPROM 4-bit single-chip microcomputer with ROM(4Kx16), RAM(110x4) MOS integrated circuit UPD17402 OTP version Car-mounted DTS controller 4-bit single-chip microcomputer 17K series with PLL synthesizer General-purpose compact 4b micropomputer with 4K PROM
|
NEC
|
3819GROUP E3819G M38198EC-XXXFP M38198MC-XXXKP M38 |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer From old datasheet system Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|